spec no:dsab3302 rev no: v.2 date:apr/13/2003 page: 1 of 3 approved: j.lu checked:allen liu drawn:d.l.huang 5mm flange based led lamp blf052surc/e-6v hyper red features ! ! ! ! ! built-in current limiting resistor for direct application of different across current. ! ! ! ! ! long life. ! ! ! ! ! low current, power savings. ! ! ! ! ! low maintenance. ! ! ! ! ! different color available. ! ! ! ! ! solid state, high vibration resistant. ! ! ! ! ! 6v internal resistor. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subject to change without notice. description the hyper red source color devices are made with dh ingaalp on gaas substrate light emitting diode.
spec no:dsab3302 rev no: v.2 date:apr/13/2003 page: 2 of 3 approved: j.lu checked:allen liu drawn:d.l.huang electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. selection guide . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i v 6 = v g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 2 2 2 2 2 / 12 / 1 2 / 1 2 / 12 / 1 v 6 - e / c r u s 2 5 0 f l b) p i a a g n i ( d e r r e p y hr a e l c r e t a w0 0 90 0 2 15 4 r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a p d e r r e p y hd e r r e p y h d e r r e p y h d e r r e p y hd e r r e p y hs t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p0 8 1w m e g a t l o v d r a w r o f7v e g a t l o v e s r e v e r5v e r u t a r e p m e t g n i t a r e p o 0 4 - 0 7 + o t c c e r u t a r e p m e t e g a r o t s 0 4 - 5 8 + o t c c l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e ph t g n e l e v a w k a e pd e r r e p y h0 4 6-m nv f v 6 = de t a n i m o d t a h t g n e l e v a wd e r r e p y h0 3 6-m nv f v 6 = ? 2 / 1h t d i w - f l a h e n i l l a r t c e p sd e r r e p y h5 2-m nv f v 6 = i f t n e r r u c d r a w r o fd e r r e p y h3 2-a mv f v 6 = i r t n e r r u c e s r e v e rd e r r e p y h-0 1a uv r v 5 =
spec no:dsab3302 rev no: v.2 date:apr/13/2003 page: 3 of 3 approved: j.lu checked:allen liu drawn:d.l.huang hyper red blf052surc/e-6v
|